Part Number Hot Search : 
12MS6 6OPZS600 1DU90N1T IS829 BDX53A 29F16 351703 DTA11
Product Description
Full Text Search
 

To Download SR280 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR220 THRU SR2100
SCHOTTKY BARRIER RECTIFIERS Reverse Voltage - 20 to 100 Volts Forward Current - 2.0 Amperes
Features * * * * * Guard ring for overvoltage protection Low power loss, high efficiency High current capability, low forward voltage drop High surge capability Metal silicon junction, majority carrier conduction
Mechanical Data * * * * Case: Molded plastic, DO-15. Terminals: Axial leads, solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Mounting Position: Any
Maximum Ratings and Characteristics Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate by 20%. SR SR SR SR SR SR SR Units Symbols 220 230 240 250 260 280 2100
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum forward voltage at 2 A
1)
VRRM VRMS VDC VF I(AV) IFSM IR CJ RJA TJ ,TS
20 14 20
30 21 30 0.55
40 28 40
50 35 50 0.7 2
60 42 60
80 57 80
100 71 100
V V V V A
0.85
Maximum average forward rectified current 0.375"(9.5mm) lead length at TL = 75 OC Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum reverse current at rated TA = 25 OC 1) DC blocking voltage TA = 100 OC Typical junction capacitance Typical thermal resistance
1)
2) 3)
50 1 10 170 35 -65 to +125
O
A
mA pF C/W
O
Operating and storage temperature range
2)
C
Pulse test: 300s pulse width, 1% duty cycle Thermal resistance from junction to lead, and/or to ambient P.C.B mounted with 0.375"(9.5mm) lead length with 1.5 X 1.5"(38mm X 38mm) copper pads 3) Measure at 1MHz and reverse voltage of 4V.
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 09/11/2005 J
SR220 THRU SR2100
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 09/11/2005 J


▲Up To Search▲   

 
Price & Availability of SR280

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X